PART |
Description |
Maker |
DSEC60-03A DSEC60-03AR |
Fast Recovery Diodes TVS 400W 10V UNIDIRECT SMA HiPer FREDTM Epitaxial Diode with common cathode and soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE
|
IXYS Corporation IXYS, Corp.
|
CSR33B563MA T110D105K050MSC T110D105M050MSC CSR13B |
LCD GRAPHIC MODULE 240X128 PIXEL TVS UNIDIRECT 14V 400W SMA INTELLIGENT DISP 4CHAR 5X5 HER TANTALUM HERMETICALLY SEALED / AXIAL 钽密轴流 Connector assemblies, Outlet 钽密轴流 DISPLAY 7SEG 14.3MM 2DGT RED CA 钽密轴流 RF/Coaxial Connector; RF Coax Type:MMCX; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes 钽密轴流 CABLE ASSEMBLY; C MALE TO C MALE; 50 OHM, RG400/U COAX, DOUBLE SHIELDED; 12" CABLE LENGTH 钽密轴流 PHASEO POWER SUPPLY 5VDC 4AMP 钽密轴流 TVS ZENER UNIDIRECT 400W 12V SMA 钽密轴流 TVS 400W 15V BIDIRECT SMA 钽密轴流
|
Kemet Corporation http://
|
HCC4011 HCC4011B HCC4011BC1 HCC4011BEY HCC4011BF H |
DUAL D . TYPE FLIP.FLOP 32768 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 TVS UNIDIRECT 600W 18V SMB 与非 NAND GATES 与非
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HIF3B-50DA-2.54R HIF3B-34PA-2.54DS HIF3B-34PA-2.54 |
NS30 VOLT 600 WATT UNI-DIR DO-214. CONN MODULAR JACK 6-6 RT ANG SMD CONN MODULAR JACK 8-8 RT ANG SMD DIODE ZENER SINGLE 1000mW 5.6Vz 100mA-Izt 0.05 5uA-Ir 2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 6.2Vz 100mA-Izt 0.05 5uA-Ir 3 SMA 5K/REEL DIODE, ZENER, 12V, 1W, SMD SMA DIODE ZENER SINGLE 1000mW 15Vz 50mA-Izt 0.05 1uA-Ir 11.4 SMA 5K/REEL TVS UNIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 20Vz 25mA-Izt 0.05 0.5uA-Ir 15.2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 10Vz 50mA-Izt 0.05 1uA-Ir 7.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 39Vz 10mA-Izt 0.05 0.5uA-Ir 29.6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 8.2Vz 100mA-Izt 0.05 5uA-Ir 6 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 33Vz 25mA-Izt 0.05 0.5uA-Ir 25.1 SMA 5K/REEL TVS BIDIRECT 600W 16V SMB DIODE ZENER SINGLE 1000mW 36Vz 10mA-Izt 0.05 0.5uA-Ir 27.4 SMA 5K/REEL DIO, TVS, SMBJ15CA, 15V, BI-DIR TVS UNIDIRECT 600W 14V SMB TVS BIDIRECT 600W 150V SMB DIODE ZENER SINGLE 1000mW 18Vz 25mA-Izt 0.05 0.5uA-Ir 13.7 SMA 5K/REEL TVS UNIDIRECT 600W 28V SMB 带状电缆连接器符合MIL标准兼容 TVS UNIDIRECT 600W 160V SMB 带状电缆连接器符合MIL标准兼容 DIODE, TRANSIENT SUPPRESSOR, 33V, 13.8A 带状电缆连接器符合MIL标准兼容 TVS UNI-DIR 33V 600W SMB 带状电缆连接器符合MIL标准兼容 Ribbon Cable connector Compliant with MIL Standard 带状电缆连接器符合MIL标准兼容 TVS BIDIRECT 600W 30V SMB 带状电缆连接器符合MIL标准兼容
|
http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
HC5513BIP HC5513BIM |
TVS 1500W 43V UNIDIRECT SMC Bipolar Transistor; Package/Case:TO-220; Current Rating:7A; Voltage Rating:80V RoHS Compliant: Yes TVS UNI-DIR 40V 1500W SMC
|
Intersil Corporation
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
2N640004 2N6401G 2N6426G 2N6405G 2N6400 2N6401 2N6 |
Silicon Controlled Rectifier 16A 400V Darlington Transistors NPN Silicon Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
|
ONSEMI[ON Semiconductor]
|
MDA920A6 MDA920A4 MDA920A7 MDA920A2 MDA920A5 MDA92 |
1.5 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 25 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Motorola Mobility Holdings, Inc.
|
1N4467C JANS1N4467C JANS1N4493D 1N4476C JANTX1N447 |
12 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 150 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 20 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 43 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 91 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 100 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 68 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 110 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
JAN1N5300U JANS1N5314UR-1 1N5283UR-1 1N5284UR-1 1N |
Current Limiter Diode Single Inverter Gate 5-SOT-23 -40 to 85 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.43 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB 4-Pin DIP Phototransistor Output Optocoupler 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 3.6 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.27 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 4.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.33 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.91 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.39 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB Pulse-Width-Modulation (Pwm) Control Circuit 16-SOIC 0 to 70 CURRENT REGULATOR DIODES
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
|